Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7135 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Fiches technique(HTML) 2 Page - Microchip Technology

  TC7135 Datasheet HTML 1Page - Microchip Technology TC7135 Datasheet HTML 2Page - Microchip Technology TC7135 Datasheet HTML 3Page - Microchip Technology TC7135 Datasheet HTML 4Page - Microchip Technology TC7135 Datasheet HTML 5Page - Microchip Technology TC7135 Datasheet HTML 6Page - Microchip Technology TC7135 Datasheet HTML 7Page - Microchip Technology TC7135 Datasheet HTML 8Page - Microchip Technology TC7135 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC7135
DS21460B-page 2
© 2002 Microchip Technology Inc.
Package Types
NOTE: NC = No internal connection.
TC7135
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OVERRANGE
B4
D3
D2
D1 (LSD)
BUSY
CLOCK IN
POLARITY
DIGTAL GND
UNDERRANGE
B2
(LSB) B1
(MSD) D5
V+
+INPUT
– INPUT
CREF+
CREF-
BUFF OUT
AZ IN
INT OUT
ANALOG
COM
REF IN
V-
STROBE
RUN/HOLD
D4
B8 (MSB)
28-Pin PDIP
28-Pin PDIP
19
20
21
22
23
24
25
11
10
9
8
7
6
5
CLOCK IN
RUN/HOLD
TC7135
AZ IN
POLARITY
12 13 14 15
17 18
DIGTAL GND
BUSY
D1 (LSD)
D2
BUFF OUT
REF CAP–
REF CAP+
–INPUT
V+
4
3
2
1
27 26
28
16
+INPUT
4
3
2
16
15
14
10
9
8
7
6
5
12
11
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
TC7135
64-Pin PQFP
l
32
63
61 60 59 58 57 56 55 54 53 52 51 50 49
64
62
NC
NC
NC
NC
NC
OVERRANGE
UNDERRANGE
NC
V-
REF IN
ANALOG COM
NC
NC
NC
NC
NC
NC
D5
NC
NC
NC
NC
D3
NC
NC
D4
B8
B4
B2
NC
B1
NC
13
40
41
42
43
44
45
46
34
35
36
37
38
39
33
48
47
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22