Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7135 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button TC7135 Datasheet HTML 13Page - Microchip Technology TC7135 Datasheet HTML 14Page - Microchip Technology TC7135 Datasheet HTML 15Page - Microchip Technology TC7135 Datasheet HTML 16Page - Microchip Technology TC7135 Datasheet HTML 17Page - Microchip Technology TC7135 Datasheet HTML 18Page - Microchip Technology TC7135 Datasheet HTML 19Page - Microchip Technology TC7135 Datasheet HTML 20Page - Microchip Technology TC7135 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21460B-page 17
TC7135
7.3
Package Dimensions
1.465 (37.21)
1.435 (36.45)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.555 (14.10)
.530 (13.46)
.200 (5.08)
.140 (3.56)
.015 (0.38)
.008 (0.20)
.700 (17.78)
.610 (15.50)
.610 (15.49)
.590 (14.99)
.040 (1.02)
.020 (0.51)
28-Pin PDIP (Wide)
PIN 1
3
˚MIN.
Dimensions: inches (mm)
28-Pin PLCC
Dimensions: inches (mm)
.456 (11.58)
.450 (11.43)
.495 (12.58)
.485 (12.32)
.456 (11.58)
.450 (11.43)
.495 (12.58)
.485 (12.32)
.050 (1.27) TYP.
PIN 1
.430 (10.92)
.390 (9.91)
.021 (0.53)
.013 (0.33)
.032 (0.81)
.026 (0.66)
.180 (4.57)
.165 (4.19)
.120 (3.05)
.090 (2.29)
.020 (0.51) MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22