| Moteur de recherche de fiches techniques de composants électroniques |
|
TC646EPA Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC646EPA Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 28 page ![]() TC646 DS21446C-page 22 2002 Microchip Technology Inc. 6.2 Taping Form PIN 1 Component Taping Orientation for 8-Pin MSOP Devices User Direction of Feed Standard Reel Component Orientation for 713 Suffix Device W P Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin MSOP 12 mm 8 mm 2500 13 in Carrier Tape, Number of Components Per Reel and Reel Size Component Taping Orientation for 8-Pin SOIC (Narrow) Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin SOIC (N) 12 mm 8 mm 2500 13 in Carrier Tape, Number of Components Per Reel and Reel Size Standard Reel Component Orientation for 713 Suffix Device PIN 1 User Direction of Feed P W |