Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC646EPA Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce TC646EPA
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646EPA Fiches technique(HTML) 17 Page - Microchip Technology

Back Button TC646EPA Datasheet HTML 13Page - Microchip Technology TC646EPA Datasheet HTML 14Page - Microchip Technology TC646EPA Datasheet HTML 15Page - Microchip Technology TC646EPA Datasheet HTML 16Page - Microchip Technology TC646EPA Datasheet HTML 17Page - Microchip Technology TC646EPA Datasheet HTML 18Page - Microchip Technology TC646EPA Datasheet HTML 19Page - Microchip Technology TC646EPA Datasheet HTML 20Page - Microchip Technology TC646EPA Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2002 Microchip Technology Inc.
DS21446C-page 17
TC646
FIGURE 5-10:
TC646
as a Microcontroller Peripheral.
FIGURE 5-11:
VRELEASE vs. Temperature.
CMOS
Microcontroller
TC646
VIN
CF
VAS
GND
VDD
VOUT
FAULT
SENSE
+5V
Analog or Digital
Temperature
Data from one or
more Sensors
I/O0
I/O1
I/O2
I/O3
INT
GND
(Optional)
(MSB)
R1
110 k
Ω
R2
240 k
Ω
R3
360 k
Ω
(LSB)
R5
1.5 k
Ω
+5V
R6
1 k
Ω
R4
18 k
Ω
R7
33 k
Ω
+5V
R8
18 k
Ω
CB
.01
µF
+
1
µF
CB
.01
µF
CMOS
Outputs
Open-Drain
Outputs
Fan
+12V
+5V
CB
1
µF
+
R9
800
Ω
+5V
R10
10 k
Ω
0.1
µF
2N2222A
R11
2.2
Ω
1
2
3
4
5
6
7
8
(RESET)
VRELEASE vs. Temperature
0˚C
25˚C
TEMPERATURE
85˚C
VDD = 3.0V
VDD = 4.0V
VDD = 5.0V
VDD = 5.5V
1.0
0.9
0.8
0.7
0.6
0.5
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28