Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F628-20/SS Fiches technique(PDF) 87 Page - Microchip Technology

No de pièce PIC16F628-20/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20/SS Fiches technique(HTML) 87 Page - Microchip Technology

Back Button PIC16F628-20/SS Datasheet HTML 83Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 84Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 85Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 86Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 87Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 88Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 89Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 90Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 87
PIC16F62X
FIGURE 12-14: SYNCHRONOUS RECEPTION (MASTER MODE, SREN)
CREN bit
RB1/RX/DT pin
RB2/TX/CK pin
Write to
bit SREN
SREN bit
RCIF bit
(interrupt)
Read
RXREG
Note: Timing diagram demonstrates SYNC master mode with bit SREN = ’1’ and bit BRG = ’0’.
Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Q2
Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
’0’
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
’0’
Q1 Q2 Q3 Q4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More