Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F628-20/SS Fiches technique(PDF) 38 Page - Microchip Technology

No de pièce PIC16F628-20/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20/SS Fiches technique(HTML) 38 Page - Microchip Technology

Back Button PIC16F628-20/SS Datasheet HTML 34Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 35Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 36Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 37Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 38Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 39Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 40Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 41Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
PIC16F62X
DS40300B-page 38
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 5-11: BLOCK DIAGRAM OF THE RB3/CCP1 PIN
Data Latch
TRIS Latch
RD TRISB
P
Vss
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
N
VDD
0
1
RD PORTB
WR PORTB
WR TRISB
Schmitt
Trigger
Data Bus
Port/Peripheral Select(1)
PWM/Compare output
RD PORTB
RB3/CCP1
CCP input
RBPU
VDD
weak pull-up
P
TTL
input
buffer
pin
Note 1: Peripheral Select is defined by CCP1M3:CCP1M0. (CCP1CON<3:0>)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More