Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC17C752-08/CL Fiches technique(PDF) 176 Page - Microchip Technology

No de pièce PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Fiches technique(HTML) 176 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 172Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 173Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 174Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 175Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 176Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 177Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 178Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 179Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 328 page
background image
PIC17C7XX
DS30289A-page 176
© 1998 Microchip Technology Inc.
void ACKPoll(void)
{
StartI2C();
// Send start bit
IdleI2C();
// Wait for idle condition
WriteI2C(CONTROL);
// Send control byte
IdleI2C();
// Wait for idle condition
// Poll the ACK bit coming from the 24LC01B
// Loop as long as the 24LC01B NACKs
while (SSPCON2bits.ACKSTAT)
{
RestartI2C();
// Send a restart bit
IdleI2C();
// Wait for idle condition
WriteI2C(CONTROL);
// Send control byte
IdleI2C();
// Wait for idle condition
}
IdleI2C();
// Wait for idle condition
StopI2C();
// Send stop bit
IdleI2C();
// Wait for idle condition
return;
}
EXAMPLE 15-2: INTERFACING TO A 24LC01B SERIAL EEPROM (USING MPLAB-C17) (Cont.’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More