| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC17C752-08/CL Fiches technique(PDF) 66 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/CL Fiches technique(HTML) 66 Page - Microchip Technology |
|
66 / 328 page ![]() PIC17C7XX DS30289A-page 66 © 1998 Microchip Technology Inc. Example 9-3 shows the sequence to do a 16 x 16 unsigned multiply. Equation 9-1 shows the algorithm that is used. The 32-bit result is stored in 4 registers RES3:RES0. EQUATION 9-1: 16 x 16 UNSIGNED MULTIPLICATION ALGORITHM RES3:RES0 = ARG1H:ARG1L • ARG2H:ARG2L = (ARG1H • ARG2H • 216)+ (ARG1H • ARG2L • 28)+ (ARG1L • ARG2H • 28)+ (ARG1L • ARG2L) EXAMPLE 9-3: 16 x 16 UNSIGNED MULTIPLY ROUTINE MOVFP ARG1L, WREG MULWF ARG2L ; ARG1L * ARG2L -> ; PRODH:PRODL MOVPF PRODH, RES1 ; MOVPF PRODL, RES0 ; ; MOVFP ARG1H, WREG MULWF ARG2H ; ARG1H * ARG2H -> ; PRODH:PRODL MOVPF PRODH, RES3 ; MOVPF PRODL, RES2 ; ; MOVFP ARG1L, WREG MULWF ARG2H ; ARG1L * ARG2H -> ; PRODH:PRODL MOVFP PRODL, WREG ; ADDWF RES1, F ; Add cross MOVFP PRODH, WREG ; products ADDWFC RES2, F ; CLRF WREG, F ; ADDWFC RES3, F ; ; MOVFP ARG1H, WREG ; MULWF ARG2L ; ARG1H * ARG2L -> ; PRODH:PRODL MOVFP PRODL, WREG ; ADDWF RES1, F ; Add cross MOVFP PRODH, WREG ; products ADDWFC RES2, F ; CLRF WREG, F ; ADDWFC RES3, F ; |