| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC17C752-08/CL Fiches technique(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/CL Fiches technique(HTML) 58 Page - Microchip Technology |
|
58 / 328 page ![]() PIC17C7XX DS30289A-page 58 © 1998 Microchip Technology Inc. FIGURE 8-3: TLRD INSTRUCTION OPERATION TABLE POINTER TABLE LATCH (16-bit) Program Memory Data Memory TBLPTRH TBLPTRL TABLATH TABLATL f TLRD 1,f TLRD 0,f 1 Step 1: 8-bit value, from TABLAT (16-bit) high or low byte, loaded into register 'f'. FIGURE 8-4: TABLRD INSTRUCTION OPERATION TABLE POINTER TABLE LATCH (16-bit) Program Memory Data Memory TBLPTRH TBLPTRL TABLATH TABLATL f TABLRD 1,i,f TABLRD 0,i,f 1 Prog-Mem (TBLPTR) 2 Step 1: 8-bit value, from TABLAT (16-bit) high or low byte, loaded into register 'f'. 2: 16-bit value at Program Memory (TBLPTR) loaded into TABLAT register. 3: If “i” = 1, then TBLPTR = TBLPTR + 1, If “i” = 0, then TBLPTR is unchanged. 3 3 |