Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC17C752-08/CL Fiches technique(PDF) 164 Page - Microchip Technology

No de pièce PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Fiches technique(HTML) 164 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 160Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 161Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 162Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 163Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 164Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 165Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 166Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 167Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 328 page
background image
PIC17C7XX
DS30289A-page 164
© 1998 Microchip Technology Inc.
FIGURE 15-33: ACKNOWLEDGE FLOWCHART
Idle mode
Force SCL = 0
Yes
No
SCL = 0?
Drive ACKDT bit
Yes
No
BRG
rollover?
(SSPCON2<5>)
onto SDA pin,
Load BRG with
SSPADD<6:0>,
start count.
Force SCL = 1
Yes
No
SCL = 1?
No
ACKDT = 1?
Load BRG with
No
BRG
rollover?
SSPADD <6:0>,
start count.
No
SDA = 1?
Bus collision detected,
Set BCLIF,
Yes
Force SCL = 0,
(Clock Arbitration)
Clear ACKEN
No
SCL = 0?
Reset BRG
Clear ACKEN
Set ACKEN
Release SCL,
Yes
Yes
Yes
Set SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More