| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC17C752-08/CL Fiches technique(PDF) 319 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/CL Fiches technique(HTML) 319 Page - Microchip Technology |
|
319 / 328 page ![]() © 1998 Microchip Technology Inc. DS30289A-page 319 PIC17C7XX TXREG2........................................................................ 25, 47 TXSTA .............................................................. 124, 128, 130 TXSTA1 ........................................................................ 25, 46 TXSTA2 ........................................................................ 25, 47 U UA ............................................................................. 132, 307 Update Address, UA ................................................. 132, 307 Upward Compatibility ............................................................ 5 USART Asynchronous Master Transmission......................... 122 Asynchronous Mode ................................................. 121 Asynchronous Receive ............................................. 123 Asynchronous Transmitter ........................................ 121 Baud Rate Generator................................................ 118 Synchronous Master Mode ....................................... 125 Synchronous Master Reception................................ 127 Synchronous Master Transmission........................... 125 Synchronous Slave Mode ......................................... 129 Synchronous Slave Transmit .................................... 129 USART1 Receive Interrupt ......................................... 35, 298 USART1 Transmit Interrupt ........................................ 35, 298 USART2 Receive Interrupt Enable, RC2IE................. 34, 297 USART2 Receive Interrupt Flag bit, RC2IF ................ 36, 299 USART2 Receive Interrupt Flag bit, TX2IF ................. 36, 299 USART2 Transmit Interrupt Enable, TX2IE ................ 34, 297 V VDD ........................................................................... 237, 239 W Wake-up from SLEEP ....................................................... 192 Wake-up from SLEEP Through Interrupt .......................... 192 Watchdog Timer................................................................ 191 Waveform for General Call Address Sequence ................ 147 Waveforms External Program Memory Access ............................. 43 WCOL ............................... 133, 152, 157, 160, 163, 165, 308 WCOL Status Flag ............................................................ 152 WDT .................................................................................. 191 Clearing the WDT ..................................................... 191 Normal Timer ............................................................ 191 Period........................................................................ 191 Programming Considerations ................................... 191 WDTPS0 ........................................................................... 189 WDTPS1 ........................................................................... 189 WREG ................................................................................. 46 Write Collision Detect bit, WCOL .............................. 133, 308 X XORLW ............................................................................. 229 XORWF............................................................................. 229 Z Z .............................................................................. 9, 49, 292 Zero (Z) ................................................................................. 9 |