Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F628-20/P Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce PIC16F628-20/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20/P Fiches technique(HTML) 39 Page - Microchip Technology

Back Button PIC16F628-20/P Datasheet HTML 35Page - Microchip Technology PIC16F628-20/P Datasheet HTML 36Page - Microchip Technology PIC16F628-20/P Datasheet HTML 37Page - Microchip Technology PIC16F628-20/P Datasheet HTML 38Page - Microchip Technology PIC16F628-20/P Datasheet HTML 39Page - Microchip Technology PIC16F628-20/P Datasheet HTML 40Page - Microchip Technology PIC16F628-20/P Datasheet HTML 41Page - Microchip Technology PIC16F628-20/P Datasheet HTML 42Page - Microchip Technology PIC16F628-20/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 39
PIC16F62X
FIGURE 5-12: BLOCK DIAGRAM OF RB4/PGM PIN
Data Latch
TRIS Latch
RD TRISB
P
VSS
Q
D
Q
CK
Q
D
Q
CK
N
VDD
RD PORTB
WR PORTB
WR TRISB
Schmitt
Trigger
PGM input
LVP
Data Bus
RB4/PGM
RBPU
VDD
weak pull-up
P
From other
QD
EN
QD
EN
Set RBIF
RB<7:4> pins
RD Port
Q3
Q1
TTL
input
buffer
VDD
VSS
Note:
The low voltage programming disables the interrupt on change and the weak pullups on RB4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More