Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC17C752-08/P Fiches technique(PDF) 78 Page - Microchip Technology

No de pièce PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Fiches technique(HTML) 78 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 74Page - Microchip Technology PIC17C752-08/P Datasheet HTML 75Page - Microchip Technology PIC17C752-08/P Datasheet HTML 76Page - Microchip Technology PIC17C752-08/P Datasheet HTML 77Page - Microchip Technology PIC17C752-08/P Datasheet HTML 78Page - Microchip Technology PIC17C752-08/P Datasheet HTML 79Page - Microchip Technology PIC17C752-08/P Datasheet HTML 80Page - Microchip Technology PIC17C752-08/P Datasheet HTML 81Page - Microchip Technology PIC17C752-08/P Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 320 page
background image
PIC17C75X
DS30264A-page 78
Preliminary
© 1997 Microchip Technology Inc.
10.6 PORTF and DDRF Registers
PORTF is an 8-bit wide bi-directional port. The corre-
sponding data direction register is DDRF. A '1' in DDRF
configures the corresponding port pin as an input. A '0'
in the DDRF register configures the corresponding port
pin as an output. Reading PORTF reads the status of
the pins, whereas writing to them will write to the
respective port latch.
All eight bits of PORTF are multiplexed with 8 of the 12
channels of the 10-bit A/D converter.
Upon reset the entire Port is automatically configured
as analog inputs, and must be configured in software to
be a digital I/O.
Example 10-6 shows an instruction sequence to initial-
ize PORTF. The Bank Select Register (BSR) must be
selected to Bank 5 for the port to be initialized. The fol-
lowing example uses the MOVLB instruction to load the
BSR register for bank selection.
EXAMPLE 10-6: INITIALIZING PORTF
MOVLB
5
; Select Bank 5
MOVLW
0x0E
; Configure PORTF as
MOVPF
ADCON1 ; Digital
CLRF
PORTF
; Initialize PORTF data
;
latches before setting
;
the data direction
;
register
MOVLW
0x03
; Value used to initialize
;
data direction
MOVWF
DDRF
; Set RF<1:0> as inputs
;
RF<7:2> as outputs
FIGURE 10-13: BLOCK DIAGRAM OF RF7:RF0
Data bus
WR PORTF
WR DDRF
RD PORT
Data Latch
DDRF Latch
P
VSS
I/O pin
PCFG3:PCFG0
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
N
ST
input
buffer
VDD
RD DDRF
To other pads
VAN
CHS3:CHS0
To other pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More