Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC17C752-08/P Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Fiches technique(HTML) 71 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 67Page - Microchip Technology PIC17C752-08/P Datasheet HTML 68Page - Microchip Technology PIC17C752-08/P Datasheet HTML 69Page - Microchip Technology PIC17C752-08/P Datasheet HTML 70Page - Microchip Technology PIC17C752-08/P Datasheet HTML 71Page - Microchip Technology PIC17C752-08/P Datasheet HTML 72Page - Microchip Technology PIC17C752-08/P Datasheet HTML 73Page - Microchip Technology PIC17C752-08/P Datasheet HTML 74Page - Microchip Technology PIC17C752-08/P Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 71
PIC17C75X
TABLE 10-3: PORTB FUNCTIONS
TABLE 10-4: REGISTERS/BITS ASSOCIATED WITH PORTB
Name
Bit
Buffer Type
Function
RB0/CAP1
bit0
ST
Input/Output or the Capture1 input pin. Software programmable weak
pull-up and interrupt on change features.
RB1/CAP2
bit1
ST
Input/Output or the Capture2 input pin. Software programmable weak
pull-up and interrupt on change features.
RB2/PWM1
bit2
ST
Input/Output or the PWM1 output pin. Software programmable weak pull-up
and interrupt on change features.
RB3/PWM2
bit3
ST
Input/Output or the PWM2 output pin. Software programmable weak pull-up
and interrupt on change features.
RB4/TCLK12
bit4
ST
Input/Output or the external clock input to Timer1 and Timer2. Software
programmable weak pull-up and interrupt on change features.
RB5/TCLK3
bit5
ST
Input/Output or the external clock input to Timer3. Software programmable
weak pull-up and interrupt on change features.
RB6/SCK
bit6
ST
Input/Output or the master/slave clock for the SPI. Software programmable
weak pull-up and interrupt on change features.
RB7/SDO
bit7
ST
Input/Output or data output for the SPI. Software programmable weak
pull-up and interrupt on change features.
Legend: ST = Schmitt Trigger input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
resets
(Note1)
12h
PORTB
RB7/
SDO
RB6/
SCK
RB5/
TCLK3
RB4/
TCLK12
RB3/
PWM2
RB2/
PWM1
RB1/
CAP2
RB0/
CAP1
xxxx xxxx
uuuu uuuu
11h, Bank 0
DDRB
Data direction register for PORTB
1111 1111
1111 1111
10h, Bank 0
PORTA
RBPU
—
RA5/
TX1/CK1
RA4/
RX1/DT1
RA3/
SDI/SDA
RA2/
SS/SCL
RA1/T0CKI
RA0/INT
0-xx xxxx
0-uu uuuu
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 1100
--11 qq11
07h, Unbanked
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
0000 0010
0000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
16h, Bank 3
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS
TMR2CS
TMR1CS
0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF CA1OVF
PWM2ON
PWM1ON
CA1/PR3
TMR3ON
TMR2ON
TMR1ON 0000 0000 0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented read as '0', q = Value depends on condition.
Shaded cells are not used by PORTB.
Note 1:
Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More