| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16CE623-04/SS Fiches technique(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623-04/SS Fiches technique(HTML) 67 Page - Microchip Technology |
|
67 / 108 page ![]() © 1998 Microchip Technology Inc. Preliminary DS40182A-page 67 PIC16CE62X 11.1 Instruction Descriptions ADDLW Add Literal and W Syntax: [ label ] ADDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) + k → (W) Status Affected: C, DC, Z Encoding: 11 111x kkkk kkkk Description: The contents of the W register are added to the eight bit literal 'k' and the result is placed in the W register . Words: 1 Cycles: 1 Example ADDLW 0x15 Before Instruction W = 0x10 After Instruction W = 0x25 ADDWF Add W and f Syntax: [ label ] ADDWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) + (f) → (dest) Status Affected: C, DC, Z Encoding: 00 0111 dfff ffff Description: Add the contents of the W register with register 'f'. If 'd' is 0 the result is stored in the W register. If 'd' is 1 the result is stored back in register 'f' . Words: 1 Cycles: 1 Example ADDWF FSR, 0 Before Instruction W = 0x17 FSR = 0xC2 After Instruction W = 0xD9 FSR = 0xC2 ANDLW AND Literal with W Syntax: [ label ] ANDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .AND. (k) → (W) Status Affected: Z Encoding: 11 1001 kkkk kkkk Description: The contents of W register are AND’ed with the eight bit literal 'k'. The result is placed in the W register . Words: 1 Cycles: 1 Example ANDLW 0x5F Before Instruction W = 0xA3 After Instruction W = 0x03 ANDWF AND W with f Syntax: [ label ] ANDWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .AND. (f) → (dest) Status Affected: Z Encoding: 00 0101 dfff ffff Description: AND the W register with register 'f'. If 'd' is 0 the result is stored in the W register. If 'd' is 1 the result is stored back in register 'f' . Words: 1 Cycles: 1 Example ANDWF FSR, 1 Before Instruction W = 0x17 FSR = 0xC2 After Instruction W = 0x17 FSR = 0x02 62X.bk Page 67 Tuesday, March 10, 1998 3:40 PM |