| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16CE623-04/SS Fiches technique(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16CE623-04/SS Fiches technique(HTML) 30 Page - Microchip Technology |
|
30 / 108 page ![]() PIC16CE62X DS40182A-page 30 Preliminary © 1998 Microchip Technology Inc. 6.1 BUS CHARACTERISTICS In this section, the term “processor” refers to the portion of the PIC16CE62X that interfaces to the EEPROM through software manipulating the EEINTF register. The following bus protocol is to be used with the EEPROM data memory. • Data transfer may be initiated only when the bus is not busy. • During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is HIGH will be interpreted by the EEPROM as a START or STOP condition. Accordingly, the following bus conditions have been defined (Figure 6-2). 6.1.1 BUS NOT BUSY (A) Both data and clock lines remain HIGH. 6.1.2 START DATA TRANSFER (B) A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START condition. All commands must be preceded by a START condition. 6.1.3 STOP DATA TRANSFER (C) A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP condition. All operations must be ended with a STOP condition. 6.1.4 DATA VALID (D) The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one bit of data per clock pulse. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of the data bytes transferred between the START and STOP conditions is determined by the processor and is theoretically unlimited, although only the last sixteen will be stored when doing a write operation. When an overwrite does occur, it will replace data in a first-in, first-out fashion. 6.1.5 ACKNOWLEDGE The EEPROM will generate an acknowledge after the reception of each byte. The processor must generate an extra clock pulse which is associated with this acknowledge bit. When the EEPROM acknowledges, it pulls down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. The processor must signal an end of data to the EEPROM by not generating an acknowledge bit on the last byte that has been clocked out of the EEPROM. In this case, the EEPROM must leave the data line HIGH to enable the processor to generate the STOP condition (Figure 6-3). Note: Acknowledge bits are not generated if an internal programming cycle is in progress. 62X.bk Page 30 Tuesday, March 10, 1998 3:40 PM |