| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16C925-S/PT Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925-S/PT Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 182 page ![]() PIC16C925/926 DS39544A-page 18 Preliminary 2001 Microchip Technology Inc. Bank 3 180h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 26 181h OPTION RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 20 182h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 25 183h STATUS IRP RP1 RP0 TO PD Z DC C 0001 1xxx 19 184h FSR Indirect Data Memory Address Pointer xxxx xxxx 26 185h — Unimplemented — — 186h TRISB PORTB Data Direction Register 1111 1111 31 187h TRISF PORTF Data Direction Register 1111 1111 37 188h TRISG PORTG Data Direction Register 1111 1111 38 189h — Unimplemented — — 18Ah PCLATH — — — Write Buffer for the upper 5 bits of the PC ---0 0000 25 18Bh INTCON GIE PEIE TMR0IE INTE RBIE TMR0IF INTF RBIF 0000 000x 21 18Ch PMDATA Data Register Low Byte xxxx xxxx 27 18Dh PMADR Address Register Low Byte xxxx xxxx 27 18Eh PMDATH — — Data Register High Byte xxxx xxxx 27 18Fh PMADRH — — — Address Register High Byte xxxx xxxx 27 190h — Unimplemented — — 191h — Unimplemented — — 192h — Unimplemented — — 193h — Unimplemented — — 194h — Unimplemented — — 195h — Unimplemented — — 196h — Unimplemented — — 197h — Unimplemented — — 198h — Unimplemented — — 199h — Unimplemented — — 19Ah — Unimplemented — — 19Bh — Unimplemented — — 19Ch — Unimplemented — — 19Dh — Unimplemented — — 19Eh — Unimplemented — — 19Fh — Unimplemented — — TABLE 2-1: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-on Reset Details on page Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0'. Shaded locations are unimplemented, read as ‘0’. Note 1: These pixels do not display, but can be used as general purpose RAM. |