Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C925-S/PT Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce PIC16C925-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/PT Fiches technique(HTML) 3 Page - Microchip Technology

  PIC16C925-S/PT Datasheet HTML 1Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 2Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 3Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 4Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 5Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 6Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 7Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 8Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 1
PIC16C925/926
High Performance RISC CPU:
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two-cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• Up to 8K x 14-bit words of EPROM program memory,
336 bytes general purpose registers (SRAM),
60 special function registers
• Pinout compatible with PIC16C923/924
Peripheral Features:
• 25 I/O pins with individual direction control and
25-27 input only pins
• Timer0 module: 8-bit timer/counter with program-
mable 8-bit prescaler
• Timer1 module: 16-bit timer/counter, can be incre-
mented during SLEEP via external crystal/clock
• Timer2 module: 8-bit timer/counter with 8-bit
period register, prescaler, and postscaler
• One Capture, Compare, PWM module
• Synchronous Serial Port (SSP) module with
two modes of operation:
- 3-wire SPI™ (supports all 4 SPI modes)
-I2C™ Slave mode
• Programmable LCD timing module:
- Multiple LCD timing sources available
- Can drive LCD panel while in SLEEP mode
- Static, 1/2, 1/3, 1/4 multiplex
- Static drive and 1/3 bias capability
- 16 bytes of dedicated LCD RAM
- Up to 32 segments, up to 4 commons
Analog Features:
• 10-bit 5-channel Analog-to-Digital Converter (A/D)
• Brown-out Reset (BOR)
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Selectable oscillator options
• In-Circuit Serial Programming™ (ICSP™) via
two pins
• Processor read access to program memory
CMOS Technology:
• Low power, high speed CMOS/EPROM
technology
• Fully static design
• Wide operating voltage range: 2.5V to 5.5V
• Commercial and Industrial temperature ranges
• Low power consumption
Common
Segment
Pixels
132
32
231
62
330
90
429
116
64/68-Pin CMOS Microcontrollers with LCD Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More