| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP32CG-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP32CG-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO.,LTD TIP32C PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co.,LTD QW-R209-017,D ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 TIP32CL-TA3-T TIP32CG-TA3-T TO-220 B C E Tube TIP32CL-T60-K TIP32CG-T60-K TO-126 B C E Bulk TIP32CL-T6S-K TIP32CG-T6S-K TO-126S B C E Bulk TIP32CL-TN3-R TIP32CG-TN3-R TO-252 B C E Tape Reel PNP EXPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC TIP32C is a PNP epitaxial planar transistor, designed for using in general purpose amplifier and switching applications. FEATURES * Complement to TIP31C |
Numéro de pièce similaire - TIP32CG-TN3-R |
|
Description similaire - TIP32CG-TN3-R |