| Moteur de recherche de fiches techniques de composants électroniques |
|
M35053 Fiches technique(PDF) 20 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35053 Fiches technique(HTML) 20 Page - Mitsubishi Electric Semiconductor |
|
20 / 47 page ![]() M35053-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS MITSUBISHI MICROCOMPUTERS 20 DA E 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 DA D 0 0 0 0 0 0 0 0 0 0 0 0 1 0 LEVEL 1 DA C 0 0 REV REV REV REV _ _ _ _ _ _ W/R DVP 4 EVP 4 _ D/V 0 0 0 0 EHP 4 DA B 0 0 BLINK BLINK BLINK BLINK 0 DVP 3 EVP 3 EFLD 1 0 __ MB/LB 0 RGBON EHP 3 DA A 0 0 EC2 EC2 EC2 EC2 1 DVP 2 EVP 2 EFLD 0 SPACE 0 0 0 EHP 2 DA 9 0 0 EC1 EC1 EC1 EC1 0 DVP 1 EVP 1 DFLD 1 DSP 9 0 LBLACK CL _ _ _ _ _ 17/18 EHP 1 DA 8 0 0 EC0 EC0 EC0 EC0 0 DVP 0 EVP 0 DFLD 0 DSP 8 0 LIN _ _ _ _ _ 24/32 CBLINK EHP 0 DA 7 1 0 C7 C7 C7 C7 1 HP 7 VP 7 VSZ 21 DSP 7 EQP BLKHF CURS 7 RAM ERS DA 6 1 0 C6 C6 C6 C6 0 HP 6 VP 6 VSZ 20 DSP 6 PALH BB CURS 6 DSPON DA 5 1 0 C5 C5 C5 C5 0 HP 5 VP 5 VSZ 11 DSP 5 MPAL BG CURS 5 STOP 1 DA 4 1 0 C4 C4 C4 C4 0 HP 4 VP 4 VSZ 10 DSP 4 ___ INT /NON BR CURS 4 STOP IN DA 3 1 0 C3 C3 C3 C3 PTD 1 HP 3 VP 3 HSZ 21 DSP 3 _ _ _ _ N/P LEVEL 0 CURS 3 SCOR DA 2 0 0 C2 C2 C2 C2 PTD 0 HP 2 VP 2 HSZ 20 DSP 2 BLINK 2 PHASE 2 CURS 2 EX DA 1 0 0 C1 C1 C1 C1 PTC 1 HP 1 VP 1 HSZ 11 DSP 1 BLINK 1 PHASE 1 CURS 1 BLK 1 DA 0 0 0 C0 C0 C0 C0 PTC 0 HP 0 VP 0 HSZ 10 DSP 0 BLINK 0 PHASE 0 CURS 0 BLK 0 Remarks Specify address Display OFF DA F 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Address (F816) Data (F816) Data (0016) Data (0116) Data (EE16) Data (EF16) Data (F016) Data (F116) Data (F216) Data (F316) Data (F416) Data (F516) Data (F616) Data (F716) Data (F816) DATA INPUT EXAMPLE Data of display RAM and display control registers can be set by then serial input function. Example of data setting is shown in Figure 9. Owing to automatic address increment, not necessary to enter ad- dresses for the second and subsequent data. In automatically, the next of address F816 is assigned to address 0016. Fig. 9 shows an example of data serially entered. Specify address display RAM 0 to EF16. Specify address register F016 to F716. Display ON Fig. 9 Example of data setting by the serial input function Address /Data |