Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M35053 Fiches technique(PDF) 37 Page - Mitsubishi Electric Semiconductor

No de pièce M35053
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35053 Fiches technique(HTML) 37 Page - Mitsubishi Electric Semiconductor

Back Button M35053 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M35053 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
M35053-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
37
Data :
Supervisor
signature
Section head
signature
Mask ROM number
Company
name
Framing
Date :
TEL
()
Approval Verification
Note : Please fill in all items marked g,
.
g
g
gRemarks
q Return the Character Font Preparation Program after use.
q Three EPROMs are required. (All the three EPROMs must be same types. Check
in the appropriate box.)
27512
(1) The font data prepared by the Character Font Preparation Program is saved as a binary type object file
(addresses 0000h to 7FFFh). Three sets of these EPROMs are required.
(2) Attach the erase protect seals on three EPROMs. Each seal bears the type name (M35053), and ROM No.
(–...SP/FP).
q Write the checksum code (hexadecimal notation) for entire EPROM areas.
Checksum
q Select the marking type (Check
in the appropriate box).
Special Mark
....... Fill in the Mark Specification Form (20P4B for M35053-XXXSP, 20P2Q-A for
M35053-XXXFP) and attach to the Mask ROM Order Confirmation Form.
Standard Mark
....... No writing is required.
q The package type
....... SDIP type (M35053-XXXSP)
....... SSOP type (M35053-XXXFP)
gq Comments
Customer
Data
issued
Program version name
M053R
V
MASK ROM ORDER CONFIRMATION FORM
GZZ-SH00-51B <69A0>
MASK ROM ORDER CONFIRMATION FORM
SCREEN DISPLAY IC M35053-XXXSP/FP
MITSUBISHI ELECTRIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47