| Moteur de recherche de fiches techniques de composants électroniques |
|
SM8024 Fiches technique(PDF) 7 Page - Solid State Optronic |
|
|
|||||||||||||||||||||||||||||
SM8024 Fiches technique(HTML) 7 Page - Solid State Optronic |
|
7 / 7 page ![]() © 2013 Solid State Optronics • San José, CA www.ssousa.com • +1.408.293.4600 Page 7 of 7 SM8024 /H/S/TR Rev 2.00 (11/12/2013) 001725 SM8024 Optically Coupled Dual MOSFET Driver w/Discharge Circuit Note: All weights above are in GRAMS, and include packaging materials where applicable Device Single Unit Full Tube (50pcs) Full Pouch (10 tubes) Full Reel (1000pcs) SM8024(-H) 0.54 43 450 - SM8024-(H)S 0.53 42 440 - SM8024-(H)STR 0.53 - - 952 Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO reserves the right to make changes to product description, specifications at any time without further notices. SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent licenses nor indemnity are expressed or implied. Except as specified in SSO’s Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other warranty, expressed or implied, including merchantability and fitness for particular use. DISCLAIMER SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be reasonably expected to result in significant injury to the user, or (d) a critical component of a life support device or system whose failure can be reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness. LIFE SUPPORT POLICY SM8024 Package Marking SM8024 Package Weights Date Code Pin 1 SM8024 YYWW |