Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8024 Fiches technique(PDF) 5 Page - Solid State Optronic

No de pièce SM8024
Description  Compact 8 pin DIP/SMD package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM8024 Fiches technique(HTML) 5 Page - Solid State Optronic

  SM8024 Datasheet HTML 1Page - Solid State Optronic SM8024 Datasheet HTML 2Page - Solid State Optronic SM8024 Datasheet HTML 3Page - Solid State Optronic SM8024 Datasheet HTML 4Page - Solid State Optronic SM8024 Datasheet HTML 5Page - Solid State Optronic SM8024 Datasheet HTML 6Page - Solid State Optronic SM8024 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 7
SM8024 /H/S/TR
Rev 2.00 (11/12/2013)
001725
SM8024
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
SM8024 Package Dimensions
8 PIN SMD Surface Mount Package (-S)
Note: All dimensions in inches [“] with millimeters in parenthesis ()



Html Pages

1 2 3 4 5 6 7