| Moteur de recherche de fiches techniques de composants électroniques |
|
CMX608 Fiches technique(PDF) 70 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX608 Fiches technique(HTML) 70 Page - CML Microcircuits |
|
70 / 70 page ![]() RALCWI Vocoder CMX608/CMX618/CMX638 Handling precautions: This product includes input protection, however, precautions should be taken to prevent device damage from electro-static discharge. CML does not assume any responsibility for the use of any circuitry described. No IPR or circuit patent licences are implied. CML reserves the right at any time without notice to change the said circuitry and this product specification. CML has a policy of testing every product shipped using calibrated test equipment to ensure compliance with this product specification. Specific testing of all circuit parameters is not necessarily performed. CML’s proprietary RALCWI™ vocoder technology, is supplied under CML’s RALCWI end user license agreement. A copy of the CML RALCWI™ end user license agreement is available on request from CML Microcircuits. The CMX608, CMX618 and CMX638 products include embedded RALCWI™ vocoder technology which is provided free of royalties in these devices. RALCWI TM Vocoder |