| Moteur de recherche de fiches techniques de composants électroniques |
|
CMX608 Fiches technique(PDF) 31 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX608 Fiches technique(HTML) 31 Page - CML Microcircuits |
|
31 / 70 page ![]() RALCWI Vocoder CMX608/CMX618/CMX638 2014 CML Microsystems Plc 31 D/608_18_38/11 A summary of the CMX608/CMX618/CMX638 C-BUS registers and their corresponding addresses is shown in Table 5. Note that the internal clock of the CMX608/CMX618/CMX638 must be running before any C-BUS access is attempted, with the exception of the General Reset ($01) command. Page No. (link to) C-BUS Register Name C-BUS Address CMX618/ CMX638 R/W/CMD CMX618/ CMX638 Size (bits) CMX608 R/W/CMD CMX608 Size (bits) 32 RESET $01 CMD - CMD - 32 SYNC $02 CMD - CMD - 32 SYNCCTRL $04 W 8 W 8 33 AIG $05 W 8 n/a n/a 34 AOG $06 W 8 n/a n/a 35 VCFG $07 W 8 W 8 35 MVCFG $2C R 8 R 8 36 SDTMF $08 W 8 W 8 37 POWERSAVE $09 W 8 W 8 38 DTMFATTEN $0A W 8 W 8 38 EXCODECCONT $0B W 8 W 8 41 IDD $0C W 8 W 8 42 SVCREQ $0E W 8 W 8 42 FRAMETYPEW $0F W 8 W 8 42 DECFRAME # $10 W 8 W 8 44 ECFIFO $24 R 8 R 8 44 SVCACK $2E R 8 R 8 44 FRAMETYPER $2F R 8 R 8 45 ENCFRAME # $30 R 8 R 8 46 VCTRL $11 W 16 W 16 46 MVCTRL $3C R 16 R 16 48 EXCODECCMD $12 n/a n/a W 16 49 CLOCK $1D W 16 W 16 49 VDWHLWM $1E W 16 W 16 50 IRQENAB $1F W 16 W 16 51 PLEVEL $31 R 16 R 16 51 DFRAMEDATA $37 R 16 R 16 52 EFRAMEDATA $38 R 16 R 16 53 STATUS $40 R 16 R 16 Table 5 C-BUS Register Addresses Note: Registers marked # also support streaming C-BUS operation. |