Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IR36021 Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Fiches technique(HTML) 8 Page - International Rectifier

Back Button IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
8
PIN # 
PIN NAME 
PIN DESCRIPTION 
24 
RCSP2 
Resistor Current Sense Positive Loop 2. This pin is connected to an external network to set the 
loadline slope, bandwidth and temperature compensation for Loop #2. 
25 
ISEN2 
Loop 2 Current Sense Input. Loop 2  sensed current input (+)  
26 
IRTN2 
Loop 2 Current Sense Return Input. Loop 2 sensed current input return (‐)  
27 
ISEN1b 
Loop1 Phase 2 Current Sense Input. Phase 2 sensed current input (+)  
28 
IRTN1b 
Loop 1 Phase 2 Current Sense Return Input. Phase 2 sensed current input return (‐)  
29 
ISEN1a 
Loop1 Phase 1 Current Sense Input. Phase 1 sensed current input (+)  
30 
IRTN1a 
Loop1 Phase 1 Current Sense Return Input. Phase 1 sensed current input return (‐)  
31 
RCSP1 
Resistor Current Sense Positive Loop#1. This pin is connected to an external network to set the 
loadline slope, bandwidth and temperature compensation for Loop #1 
32 
RCSM1 
Resistor Current Sense Minus Loop#1. This pin is connected to an external network to set the 
loadline slope, bandwidth and temperature compensation for Loop #1 
33 
GND 
Ground. Ground reference for the IC. The large metal pad on the bottom must be connected to 
Ground. 
 
  
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41