Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IR36021 Fiches technique(PDF) 40 Page - International Rectifier

No de pièce IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Fiches technique(HTML) 40 Page - International Rectifier

Back Button IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier IR36021 Datasheet HTML 38Page - International Rectifier IR36021 Datasheet HTML 39Page - International Rectifier IR36021 Datasheet HTML 40Page - International Rectifier IR36021 Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
40
16‐BIT LINEAR DATA FORMAT 
This format is only used for VOUT related commands (READ_VOUT, VOUT_MARGIN_HIGH, VOUT_MARGIN_LOW): 
 
N
Y
Value
2
 
Note  N  and  Y  are  “signed”  values.  If,  VOUT  is  set  to  linear  format  (by  VOUT_MODE),  then  N  is  set  by  the  VOUT_MODE 
command and only Y is returned in the data‐field as a 16‐bit unsigned number. 
 
Figure 50: 16‐bit Linear Data Format 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41