| Moteur de recherche de fiches techniques de composants électroniques |
|
NJG1709KC1-R2 Fiches technique(PDF) 1 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1709KC1-R2 Fiches technique(HTML) 1 Page - New Japan Radio |
|
1 / 29 page ![]() NJG1709KC1 - 1 - 1.5/1.9GHz BAND FRONT-END GaAs MMIC nGENERAL DESCRIPTION nPACKAGE OUTLINE NJG1709KC1 is a front-end GaAs MMIC including a LNA, a local amplifier and a mixer, designed mainly for 1.5 or 1.9GHz band cellular phone. The ultra small & ultra thin FLP10 package is applied. nFEATURES lLow Voltage Operation +2.7V typ. lLow Current Consumption LNA 3.2mA typ. Mixer 5.1mA typ. (with Local Amplifier operation current) lUltra Small & Ultra Thin package FLP10-C1 (Mount Size: 2.8 x 3.0 x 0.75mm) LNA lHigh Small Signal Gain 18.0dB typ. @ f RF=1489MHz 16.0dB typ. @ f RF=1900MHz lLow Noise Figure 1.2dB typ. @ f RF=1489MHz 1.3dB typ. @ f RF=1900MHz lHigh Output IP3 +13.0dBm typ. @ f RF=1489.0+1489.1MHz +13.0dBm typ. @ f RF=1900.0+1900.1MHz Mixer lHigh Conversion Gain 12.5dB typ. @ f RF=1489MHz, fLO=1619MHz, PLO=-15dBm 9.0dB typ. @ f RF=1900MHz, fLO=1660MHz, PLO=-15dBm lLow Noise Figure 6.0dB typ. @ f RF=1489MHz, fLO=1619MHz, PLO=-15dBm 6.5dB typ. @ f RF=1900MHz, fLO=1660MHz, PLO=-15dBm lHigh Output IP3 +10.0dBm typ. @ f RF=1489.0+1489.1MHz, fLO=1619MHz, PLO=-15dBm +11.0dBm typ. @ f RF=1900.0+1900.1MHz, fLO=1660MHz, PLO=-15dBm nPIN CONFIGURATION Pin Connection 1.LNAIN 2.LNACAP 3.GND 4.IFOUT 5.VLO 6.LOIN 7.BPC 8.MIXIN 9.GND 10.LNAOUT KC1 Type (Top View) Orientation Mark 1 2 3 4 5 6 7 8 9 10 NOTE: Please note that any information on this catalog will be subject to change. NJG1709KC1 |
Numéro de pièce similaire - NJG1709KC1-R2 |
|
Description similaire - NJG1709KC1-R2 |