| Moteur de recherche de fiches techniques de composants électroniques |
|
NJG1709KC1-R2 Fiches technique(PDF) 2 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1709KC1-R2 Fiches technique(HTML) 2 Page - New Japan Radio |
|
2 / 29 page ![]() NJG1709KC1 - 2 - nABSOLUTE MAXIMUM RATINGS (T a=+25°C, Zs=Zl=50Ω) PARAMETER SYMBOL CONDITIONS RATINGS UNITS LNA Voltage V LNA 5.0 V Mixer Voltage V MIX 5.0 V Local Amplifier Voltage V LO 5.0 V Input Power 1 P LNAIN V LNA=VMIX=VLO=2.7V +15 dBm Input Power 2 P LOIN V LNA=VMIX=VLO=2.7V +10 dBm Power Dissipation P D 550 mW Operating Temperature T opr -40~+85 °C Storage Temperature T stg -55~+125 °C nELECTRICAL CHARACTERISTICS 1 (LNA) GENERAL CONDITIONS: T a=+25°C, VLNA=2.7V, VMIX=VLO=0V, fRF=1489MHz, PRF=-36dBm, Z s=Zl=50Ω, with test circuit 1 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1470 1489 1510 MHz LNA Voltage V LNA 2.5 2.7 4.5 V LNA Operating Current I LNA P RF, PLO=OFF - 3.2 4.1 mA Small Signal Gain Gain 16.0 18.0 20.0 dB Gain Flatness G flat f RF=1470~1520MHz - 0.5 1.0 dB Noise Figure NF - 1.2 1.5 dB Pout at 1dB Gain Compression point P -1dB -3.0 -1.0 - dBm Output 3rd order Intercept point OIP3 f RF=1489.0+1489.1MHz +8.0 +13.0 - dBm RF IN VSWR VSWR i - 1.5 - RF OUT VSWR VSWR o - 1.5 - nELECTRICAL CHARACTERISTICS 2 (Mixer) GENERAL CONDITIONS: T a=+25°C, VLNA=0V, VMIX=VLO=2.7V, fRF=1489MHz, fLO=1619MHz P RF=-30dBm, PLO=-15dBm, Zs=Zl=50Ω, with test circuit 1 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1470 1489 1510 MHz Mixer Voltage V MIX 2.5 2.7 4.5 V Local Amplifier Voltage V LO 2.5 2.7 4.5 V Mixer Operating Current I MIX P RF, PLO=OFF - 4.3 5.7 mA Local Amplifier Operating Current I LO P RF, PLO=OFF - 0.8 1.3 mA Conversion Gain G c 11.0 12.5 - dB Noise Figure NF - 6.0 9.0 dB Output 3rd Order Intercept Point OIP3 f RF=1489.0+1489.1MHz +7.0 +10.0 - dBm MIXER IN VSWR VSWR M - 1.5 - LOCAL IN VSWR VSWR L - 1.5 - IF OUT VSWR VSWR I - 1.5 - |