| Moteur de recherche de fiches techniques de composants électroniques |
|
RF2053 Fiches technique(PDF) 30 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF2053 Fiches technique(HTML) 30 Page - RF Micro Devices |
|
30 / 36 page ![]() 30 of 36 RF2053 DS140110 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. RB1 (1Ch) - PLL Lock and Calibration Results Read-back RB2 (1Dh) - Calibration Results Read-Back # Bit Name Default Function 15 LOCK X X PLL lock detector, not used by RF2053. 14 CT_CAL X CT setting, not used by RF2053. 12 X 11 X X 10 X 9X 8X 7 CP_CAL X X CP setting, not used by RF2053. 5X 4X 3X X 2X 10 00 # Bit Name Default Function 15 VO_CAL X X The VCO voltage measured at the start of a VCO gain calibration. Not used by RF2053. 14 X 13 X 12 X 11 X X 10 X 9X 8X 7 V1_CAL X X The VCO voltage measured at the end of a VCO gain calibration. Not used by RF2053. 6X 5X 4X 3X X 2X 1X 0X |