| Moteur de recherche de fiches techniques de composants électroniques |
|
RF2053 Fiches technique(PDF) 17 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF2053 Fiches technique(HTML) 17 Page - RF Micro Devices |
|
17 / 36 page ![]() 17 of 36 RF2053 DS140110 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. Disabling Calibration The VCO coarse tune calibration should be disabled as it is not used on the RF5203. The loop filter calibration, also unused, is disabled by default. One register needs to be written taking 1.3us at maximum clock speed. Since it is necessary to program this register when set- ting the operating frequency (see next section) this operation usually carries no overhead. P2_CT_EN Set to 00 Set calibration mode Operating m ode set Default D isable loop filter calibration 2 3 D isable coarse tune calibration. N ot required for the RF2053. The loop filter (K v) calibration is also not required for the RF2053. The default setting is for the loop filter calibration to be disabled so no program m ing is required for this step. |