Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2052 Fiches technique(PDF) 35 Page - RF Micro Devices

No de pièce RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Fiches technique(HTML) 35 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 29Page - RF Micro Devices RF2052 Datasheet HTML 30Page - RF Micro Devices RF2052 Datasheet HTML 31Page - RF Micro Devices RF2052 Datasheet HTML 32Page - RF Micro Devices RF2052 Datasheet HTML 33Page - RF Micro Devices RF2052 Datasheet HTML 34Page - RF Micro Devices RF2052 Datasheet HTML 35Page - RF Micro Devices RF2052 Datasheet HTML 36Page - RF Micro Devices RF2052 Datasheet HTML 37Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
35 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Layout
Board Size 2.5”x2.5”
Board Thickness 0.040”, Board Material FR-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37