| Moteur de recherche de fiches techniques de composants électroniques |
|
RF2052 Fiches technique(PDF) 32 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF2052 Fiches technique(HTML) 32 Page - RF Micro Devices |
|
32 / 37 page ![]() 32 of 37 RF2052 DS140110 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. RB1 (1Ch) - PLL Lock and Calibration Results Read-back RB2 (1Dh) - Calibration Results Read-Back # Bit Name Default Function 15 LOCK X X PLL lock detector, 0=PLL locked, 1=PLL unlocked 14 CT_CAL X CT setting (either result of course tune calibration, or CT_DEF, depending on state of CT_EN). Also depends on the MODE of the device 13 X 12 X 11 X X 10 X 9X 8X 7 CP_CAL X X CP setting (either result of KV cal, or CP_DEF, depending on state of KV_EN). Also depends on the MODE of the device 6X 5X 4X 3X X 2X 10 00 # Bit Name Default Function 15 VO_CAL X X The VCO voltage measured at the start of a VCO gain calibration 14 X 13 X 12 X 11 X X 10 X 9X 8X 7 V1_CAL X X The VCO voltage measured at the end of a VCO gain calibration 6X 5X 4X 3X X 2X 1X 0X |