Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623ECTGP Fiches technique(PDF) 23 Page - Mitsubishi Electric Semiconductor

No de pièce M30623ECTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP Fiches technique(HTML) 23 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 184 page
background image
23
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Memory Space Expansion Functions
(2) Expansion mode 1
In this mode, the memory space can be expanded by 176K bytes in addition to that in normal mode.
Figure 1.8.2 shows the memory location and chip select area in expansion mode 1.
_______
_______
_______
In accessing data in expansion mode 1, CS3, CS2, and CS1 go active in the area from 0400016 through
_______
2FFFF16; in fetching a program, CS0 goes active. That is, the address space is expanded by using the
________
_______
_______
area from 0400016 through 2FFFF16 (176K bytes) appropriately for accessing data (CS3, CS2, CS1)
_______
and fetching a program (CS0).
Figure 1.8.2. Memory location and chip select area in expansion mode 1
Microprocessor
mode
SFR area
Internal RAM
area
External
area
Internal area reserved
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
0800016
Memory
expansion mode
SFR area
Internal RAM
area
External area
Internal ROM
area
Internal area reserved
Internal area reserved
CS3(16K bytes)
CS2(128 Kbytes)
CS1(32K bytes)
2800016
3000016
0400016
Expansion mode 1 (memory space = 1.2M bytes for PM15 = 1, PM14 = 0)
CS0
Memory expansion
mode:
816K bytes
Microprocessor mode:
1008K bytes
0400016
to
2FFFF16
3000016
to
FFFFF16
176K bytes
= the extent of memory expanded
CS0:active both in fetching a program
and in accessing data
CS0:active in fetching a program
CS1, CS2, CS3:active in accessing data
Type No.
XXXXX16 YYYYY16
M30623M4T-XXXGP
M30622M8T/M8V-XXXFP
M30623M8T/M8V-XXXGP
M30622MCT/MCV-XXXFP
M30623MCT/MCV-XXXGP
00FFF16
F800016
013FF16
F000016
017FF16
E000016
Note 1. M30623(80-pin package) is not provided with the
output pin for the chip select signal.
Note 2. The M16C/62T group is not guaranteed to operate
in memory expansion and microprocessor modes.
Note 3. The memory maps in single-chip mode are omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com