Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30623ECTGP Fiches technique(PDF) 70 Page - Mitsubishi Electric Semiconductor

No de pièce M30623ECTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP Fiches technique(HTML) 70 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 184 page
background image
70
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Watchdog Timer
Watchdog Timer
The watchdog timer has the function of detecting when the program is out of control. The watchdog timer is
a 15-bit counter which down-counts the clock derived by dividing the BCLK using the prescaler. A watchdog
timer interrupt is generated when an underflow occurs in the watchdog timer. When XIN is selected for the
BCLK
, bit 7 of the watchdog timer control register (address 000F16) selects the prescaler division ratio (by
16 or by 128). When XCIN is selected as the BCLK, the prescaler is set for division by 2 regardless of bit 7
of the watchdog timer control register (address 000F16). Thus the watchdog timer's period can be calcu-
lated as given below. The watchdog timer's period is, however, subject to an error due to the pre-scaler.
BCLK
Write to the watchdog timer
start register
(address 000E16)
RESET
Watchdog timer
interrupt request
Watchdog timer
Set to
“7FFF16”
1/128
1/16
“CM07 = 0”
“WDC7 = 1”
“CM07 = 0”
“WDC7 = 0”
“CM07 = 1”
HOLD
1/2
Prescaler
For example, suppose that BCLK runs at 10 MHz and that 16 has been chosen for the dividing ratio of the
pre-scaler, then the watchdog timer's period becomes approximately 52.4 ms.
The watchdog timer is initialized by writing to the watchdog timer start register (address 000E16) and when
a watchdog timer interrupt request is generated. The prescaler is initialized only when the microcomputer is
reset. After a reset is cancelled, the watchdog timer and prescaler are both stopped. The count is started by
writing to the watchdog timer start register (address 000E16).
Figure 1.15.1 shows the block diagram of the watchdog timer. Figure 1.15.2 shows the watchdog timer-
related registers.
With XIN chosen for BCLK
Watchdog timer period =
pre-scaler dividing ratio (16 or 128) X watchdog timer count (32768)
BCLK
Figure 1.15.1. Block diagram of watchdog timer
With XCIN chosen for BCLK
Watchdog timer period =
pre-scaler dividing ratio (2) X watchdog timer count (32768)
BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com