| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620FCMFP Fiches technique(PDF) 28 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCMFP Fiches technique(HTML) 28 Page - Mitsubishi Electric Semiconductor |
|
28 / 33 page ![]() Mitsubishi microcomputers M16C / 62M Group (Low voltage version) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER GZZ-SH13-95B<02A0> MITSUBISHI ELECTRIC-CHIP 16-BIT MICROCOMPUTER M30620MCM-XXXFP/GP MASK ROM CONFIRMATION FORM Mask ROM number 28 (2) Which kind of XCIN-XCOUT oscillation circuit is used? Ceramic resonator Quartz-crystal oscillator External clock input Other ( ) What frequency do not use? f(XCIN) = kHZ (3) Which operation mode do you use? Single-chip mode Memory expansion mode Microprocessor mode (4) Which operating supply voltage do you use? (Circle the operating voltage range of use) (5) Which operating ambient temperature do you use? (Circle the operating temperature range of use) -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 ( °C) (6) Do you use I2C (Inter IC) bus function? Not use Use (7) Do you use IE (Inter Equipment) bus function? Not use Use Thank you cooperation. g4. Special item (Indicate none if there is not specified item) (V) 2.2 2.4 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 |