| Moteur de recherche de fiches techniques de composants électroniques |
|
M30620FCMFP Fiches technique(PDF) 26 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCMFP Fiches technique(HTML) 26 Page - Mitsubishi Electric Semiconductor |
|
26 / 33 page ![]() Usage precaution Mitsubishi microcomputers M16C / 62M Group (Low voltage version) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 26 Notes on the microprocessor mode and transition after shifting from the micropro- cessor mode to the memory expansion mode • Microprocessor mode In microprocessor mode, the SFR, internal RAM, and external memory space can be accessed. For that reason, the internal ROM area cannot be accessed. • Memory expansion mode In memory expansion mode, external memory can be accessed in addition to the internal memory space (SFR, internal RAM, and internal ROM). However, after the reset has been released and the operation of shifting from the microprocessor mode has started (“H” applied to the CNVSS pin), the internal ROM area cannot be accessed even if the CPU shifts to the memory expansion mode. |