| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1039ACSW16 Fiches technique(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1039ACSW16 Fiches technique(HTML) 4 Page - Linear Technology |
|
4 / 12 page ![]() 4 LT1039A/LT1039A-16 TYPICAL PERFORMANCE CHARACTERISTICS TEMPERATURE ( °C) –55 –25 10 100 1000 0 25 50 75 100 125 1039A G04 1 SUPPLY CURRENT MEASURED INTO VCC AND V + Supply Current in Shutdown TEMPERATURE ( °C) –55 0 5 15 20 25 50 55 60 35 0 50 75 1039A G06 10 40 45 30 –25 25 100 125 SINKING SOURCING TEMPERATURE ( °C) –55 –25 10 100 1000 0 25 50 75 100 125 1039A G05 1 VOUT – 30V VOUT 30V Driver Output Leakage in Shutdown Receiver Output Short-Circuit Current INPUT VOLTAGE (V) 0 20 30 40 1039A G07 10 0 15 25 35 5 –5 –10 2 4 1 3 5 OUTPUT CURRENT (mA) 0 – 0.8 V + 4.0 1039A TA02 0.8 –1.2 –1.6 – 2.0 – 0.4 1.2 0.4 V – 1.0 2.0 3.0 0.5 4.5 1.5 2.5 3.5 5.0 ON/OFF Pin Current vs Voltage Driver Output Swing vs Current Output Waveforms Shutdown to Driver Output 5V 0V RECEIVER OUTPUT 10V 0V –10V DRIVER OUTPUT 5V 0V INPUT 1039A G09 V+ = 12V V– = –12V VCC = 5V RL = 3k 0V 5V 10V DRIVER OUTPUT – 10V –5V 0V DRIVER OUTPUT 0V 5V ON/OFF INPUT 2 µs/DIV V+ = 12V V– = –12V RL = 3k 2 µs/DIV OUTPUT HIGH OUTPUT LOW 1039A G10 DRIVER OUTPUT CONNECTED TO RECEIVER INPUT |