| Moteur de recherche de fiches techniques de composants électroniques |
|
LT1039ACSW16 Fiches technique(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1039ACSW16 Fiches technique(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() 3 LT1039A/LT1039A-16 ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating temperature range. Note 1: VON/OFF = 5V for LT1039AM grade devices. Note 2: VON/OFF = 0.4V for – 55°C ≤ TA ≤ 100°C and VON/OFF = 0.2V for 100 °C ≤ TA ≤ 125°C. Does not apply to LT1039A-16 part. Note 3: For TA ≥ 100°C leakage current is 350µA max. Note 4: Bias pin open on 18-pin version. TYPICAL PERFORMANCE CHARACTERISTICS TEMPERATURE ( °C) –55 0 5 15 20 25 50 35 0 50 75 1039A G01 10 40 45 30 –25 25 100 125 SINKING SOURCING Driver Output Short-Circuit Current TEMPERATURE ( °C) –55 0 0.5 1.5 2.0 2.5 5.0 3.5 0 50 75 1039A G03 1.0 4.0 4.5 3.0 –25 25 100 125 MINIMUM ON VOLTAGE MINIMUM OFF VOLTAGE ON/OFF Pin Thresholds TEMPERATURE ( °C) –55 0.50 0.75 1.25 1.50 1.75 3.00 2.25 0 50 75 1039A G02 1.00 2.50 2.75 2.00 –25 25 100 125 INPUT HIGH INPUT LOW Receiver Input Thresholds PARAMETER CONDITIONS MIN TYP MAX UNITS Prop Delay (tPLH) 0.6 1.2 µs (tPHL) 0.8 1.2 µs Receiver VCC = 5V, VON/OFF = 2.5V (Note 1) Input Voltage Thresholds Input Low Level (VOUT = High) q 0.5 1.3 V Input High Level (VOUT = Low) q 1.7 2.8 V Hysteresis q 0.1 0.4 1.0 V Input Resistance q 30 k Ω Output Voltage Output Low, IOUT = – 1.6mA q 0.4 0.5 V Output High, IOUT = 160µA q 3.5 4.8 V Output Short-Circuit Current Sourcing Current, VOUT = VCC q –10 – 30 mA Sinking Current, VOUT = 0V q 15 25 mA Output Leakage Current Shutdown (Note 1), 0V ≤ VOUT ≤ VCC, VIN = 0V q 110 µA Supply Current (Note 4) q 25 mA Supply Leakage Current Shutdown (Note 2) q 1 100 µA ON/OFF Pin Current 0V ≤ VON/OFF ≤ 5V q –15 80 µA Prop Delay (tPLH) 200 600 ns (tPHL) 300 600 ns |