Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1001AMJ8/883 Fiches technique(PDF) 3 Page - Linear Technology

No de pièce LT1001AMJ8/883
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1001AMJ8/883 Fiches technique(HTML) 3 Page - Linear Technology

  LT1001AMJ8/883 Datasheet HTML 1Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 2Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 3Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 4Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 5Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 6Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 7Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 8Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1001
ELECTRICAL CHARACTERISTICS
LT1001AM/883
LT1001M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
30
60
45
160
µV
∆VOS
Average Offset Voltage Drift
q
0.2
0.6
0.3
1.0
µV/°C
∆Temp
IOS
Input Offset Current
q
0.8
4.0
1.2
7.6
nA
IB
Input Bias Current
q
±1.0
±4.0
±1.5 ±8.0
nA
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±10V
q
300
700
200
700
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13V
q
110
122
106
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±3 to ±18V
q
104
117
100
117
dB
Input Voltage Range
q
±13
±14
±13
±14
V
VOUT
Output Voltage Swing
RL ≥ 2kΩ
q
±12.5 ±13.5
±12.0 ±13.5
V
Pd
Power Dissipation
No load
q
55
90
60
100
mW
VS = ±15V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted
LT1001AC
LT1001C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
20
60
30
110
µV
∆VOS
Average Offset Voltage Drift
q
0.2
0.6
0.3
1.0
µV/°C
∆Temp
IOS
Input Offset Current
q
0.5
3.5
0.6
5.3
nA
IB
Input Bias Current
q
±0.7
±3.5
±1.0
±5.5
nA
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±10V
q
350
750
250
750
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13V
q
110
124
106
123
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
q
106
120
103
120
dB
Input Voltage Range
q
±13 ±14
±13
±14
V
VOUT
Output Voltage Swing
RL ≥ 2kΩ
q
±12.5 ±13.8
±12.5 ±13.8
V
Pd
Power Dissipation
No load
q
50
85
55
90
mW
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: Offset voltage for the LT1001AM/883 and LT1001AC are measured
after power is applied and the device is fully warmed up. All other grades
are measured with high speed test equipment, approximately 1 second
after power is applied. The LT1001AM/883 receives 168 hr. burn-in at
125
°C. or equivalent.
Note 2: This parameter is tested on a sample basis only.
Note 3: Long Term Input Offset Voltage Stability refers to the averaged
trend line of VOS versus Time over extended periods after the first 30 days
of operation. Excluding the initial hour of operation, changes in VOS during
the first 30 days are typically 2.5
µV.
Note 4: Parameter is guaranteed by design.
Note 5: 10Hz noise voltage density is sample tested on every lot. Devices
100% tested at 10Hz are available on request.
VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12