Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1001AMJ8/883 Fiches technique(PDF) 2 Page - Linear Technology

No de pièce LT1001AMJ8/883
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1001AMJ8/883 Fiches technique(HTML) 2 Page - Linear Technology

  LT1001AMJ8/883 Datasheet HTML 1Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 2Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 3Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 4Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 5Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 6Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 7Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 8Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1001
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage ........................................................
±22V
Output Short Circuit Duration ......................... Indefinite
Operating Temperature Range
LT1001AM/LT1001M ....................... – 55
°C to 150°C
LT1001AC/LT1001C .............................. 0
°C to 125°C
Storage: All Devices.......................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
ORDER PART NUMBER
LT1001AMH/883
LT1001MH
LT1001ACH
LT1001CH
PACKAGE/ORDER INFORMATION
LT1001AMJ8/883
LT1001MJ8
LT1001ACJ8
LT1001CJ8
LT1001ACN8
LT1001CN8
LT1001CS8
S8 PART MARKING
1001
VS = ±15V, TA = 25°C, unless otherwise noted
ELECTRICAL CHARACTERISTICS
LT1001AM/883
LT1001AC
LT1001M/LT1001C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Note 1
LT1001AM/883
7
15
18
60
µV
LT1001AC
10
25
∆VOS
Long Term Input Offset Voltage
∆Time
Stability
Notes 2 and 3
0.2
1.0
0.3
1.5
µV/month
IOS
Input Offset Current
0.3
2.0
0.4
3.8
nA
Ib
Input Bias Current
±0.5
±2.0
±0.7
±4.0
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 2)
0.3
0.6
0.3
0.6
µVp-p
en
Input Noise Voltage Density
fO = 10Hz (Note 5)
10.3
18.0
10.5
18.0
nV
√Hz
fO = 1000Hz (Note 2)
9.6
11.0
9.8
11.0
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±12V
450
800
400
800
V/mV
RL ≥ 1kΩ VO = ±10V
300
500
250
500
CMRR
Common Mode Rejection Ratio
VCM = ±13V
114
126
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
110
123
106
123
dB
Rin
Input Resistance Differential Mode
30
100
15
80
M
Ω
Input Voltage Range
±13 ±14
±13
±14
V
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ±13
±14
±13
±14
V
RL ≥ 1kΩ±12
±13.5
±12
±13.5
V
SR
Slew Rate
RL ≥ 2kΩ (Note 4)
0.1
0.25
0.1
0.25
V/
µs
GBW
Gain-Bandwidth Product
(Note 4)
0.4
0.8
0.4
0.8
MHz
Pd
Power Dissipation
No load
46
75
48
80
mW
No load, VS = ±3V
4
6
4
8
See Notes on page 3.
TOP VIEW
OFFSET ADJUST
V+
–IN
OUT
NC
–
+
+IN
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
METAL CAN
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT
NC
–IN
+IN
V–
J8 PACKAGE
8 PIN HERMETIC DIP
–
+
VOS
TRIM
VOS
TRIM
S8 PACKAGE
8 PIN PLASTIC SO
N8 PACKAGE
8 PIN PLASTIC DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12