| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD750064CU Fiches technique(PDF) 78 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750064CU Fiches technique(HTML) 78 Page - NEC |
|
78 / 82 page ![]() µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A) 78 Data Sheet U10165EJ2V0DS00 OS for IBM PC The following IBM PC OS’s are supported. OS Version PC DOSTM Ver. 5.02 to Ver. 6.3 J6.1/VNote to J6.3/VNote MS-DOS Ver. 5.0 to Ver. 6.22 5.0/VNote to 6.2/VNote IBM DOSTM J5.02/VNote Note Only English version is supported. Caution Ver. 5.0 or later has the task swap function, but it cannot be used for this software. |