| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD750064CU Fiches technique(PDF) 32 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750064CU Fiches technique(HTML) 32 Page - NEC |
|
32 / 82 page ![]() 32 µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A) Data Sheet U10165EJ2V0DS00 6.8 Serial Interface The serial interface has the following three modes. • Operation stop mode • 3-wire serial I/O mode • 2-wire serial I/O mode The 3-wire serial I/O mode enables connections to be made with the 75X Series, 78K Series, and many other types of I/O devices. The 2-wire serial I/O mode enables communication with two or more devices. Figure 6-8. Serial Interface Block Diagram Internal bus 8/4 Bit test P03/SI/SB1 P02/SO/SB0 P01/SCK 88 SBIC RELT CMDT SET CLR DQ (8) INTCSI IRQCSI set signal fX/23 fX/24 fX/26 TOUT0 P01 Output latch Serial clock counter Serial clock control circuit Serial clock selector SO latch Shift register (SIO) External SCK From timer/event counter 0 Bit manipu- lation INTCSI control circuit CSIM |