| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD750004A Fiches technique(PDF) 49 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750004A Fiches technique(HTML) 49 Page - NEC |
|
49 / 84 page ![]() 49 µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A) Group Subrou- tine stack control Mne- monic RETNote RETSNote Operand Bytes 1 1 Machin- ing cycle 3 3 3 + S 3 + S Skip condition Uncondition Address- ing area Operation • µPD750004 PC11-0 ← (SP) (SP + 3) (SP + 2) MBE, RBE, 0, 0 ← (SP + 1), SP ← SP + 4 • µPD750006, 750008 PC11-0 ← (SP) (SP + 3) (SP + 2) MBE, RBE, 0, PC12 ← (SP + 1) SP ← SP + 4 • µPD750004 ×, ×, MBE, RBE ← (SP + 4) 0, 0, 0, 0 ← (SP + 1) PC11-0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 6 • µPD750006, 750008 ×, ×, MBE, RBE ← (SP + 4) MBE, 0, 0, PC12 ← (SP + 1) PC11-0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 6 • µPD750004 MBE, RBE, 0, 0 ← (SP + 1) PC11-0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 4 then skip unconditionally • µPD750006, 750008 MBE, RBE, 0 ← PC12 ← (SP + 1) PC11-0 ← (SP) (SP + 3) (SP + 2) SP ← SP + 4 then skip unconditionally • µPD750004 0, 0, 0, 0 ← (SP + 1) PC11-0 ← (SP) (SP + 3) (SP + 2) ×, ×, MBE, RBE ← (SP + 4) SP ← SP + 6 then skip unconditionally • µPD750006, 750008 0, 0, 0, PC12 ← (SP + 1) PC11-0 ← (SP) (SP + 3) (SP + 2) ×, ×, MBE, RBE ← (SP + 4) SP ← SP + 4 then skip unconditionally Note The shaded portion is supported in Mk ΙΙ mode only. The other portions are supported in Mk Ι mode only. |