Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD750004A Fiches technique(PDF) 45 Page - NEC

No de pièce UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD750004A Fiches technique(HTML) 45 Page - NEC

Back Button UPD750004A Datasheet HTML 41Page - NEC UPD750004A Datasheet HTML 42Page - NEC UPD750004A Datasheet HTML 43Page - NEC UPD750004A Datasheet HTML 44Page - NEC UPD750004A Datasheet HTML 45Page - NEC UPD750004A Datasheet HTML 46Page - NEC UPD750004A Datasheet HTML 47Page - NEC UPD750004A Datasheet HTML 48Page - NEC UPD750004A Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
45
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
Group
Compari-
son
Carry flag
manipula-
tion
Memory
bit
manipula-
tion
Mne-
monic
SKE
SET1
CLR1
SKT
NOT1
SET1
CLR1
SKT
SKF
SKTCLR
AND1
OR1
XOR1
Operand
reg, #n4
@HL, #n4
A, @HL
XA, @HL
A, reg
XA, rp'
CY
CY
CY
CY
mem.bit
fmem.bit
pmem. @L
@H+mem.bit
mem.bit
fmem.bit
pmem. @L
@H+mem.bit
mem.bit
fmem.bit
pmem. @L
@H+mem.bit
mem.bit
fmem.bit
pmem. @L
@H+mem.bit
fmem.bit
pmem. @L
@H+mem.bit
CY, fmem.bit
CY, pmem. @L
CY, @H+mem.bit
CY, fmem.bit
CY, pmem. @L
CY, @H+mem.bit
CY, fmem.bit
CY, pmem.@L
CY, @H+mem.bit
Bytes
2
2
1
2
2
2
1
1
1
1
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
Machin-
ing
cycle
2 + S
2 + S
1 + S
2 + S
2 + S
2 + S
1
1
1 + S
1
2
2
2
2
2
2
2
2
2 + S
2 + S
2 + S
2 + S
2 + S
2 + S
2 + S
2 + S
2 + S
2 + S
2 + S
2
2
2
2
2
2
2
2
2
Skip
condition
reg = n4
(HL) = n4
A = (HL)
XA = (HL)
A = reg
XA = rp'
CY = 1
(mem.bit) = 1
(fmem.bit) = 1
(pmem.@L) = 1
(@H + mem.bit) = 1
(mem.bit) = 0
(fmem.bit) = 0
(pmem.@L) = 0
(@H + mem.bit) = 0
(fmem.bit) = 1
(pmem.@L) = 1
(@H + mem.bit) = 1
Address-
ing area
*1
*1
*1
*3
*4
*5
*1
*3
*4
*5
*1
*3
*4
*5
*1
*3
*4
*5
*1
*4
*5
*1
*4
*5
*1
*4
*5
*1
*4
*5
*1
Operation
Skip if reg = n4
Skip if (HL) = n4
Skip if A = (HL)
Skip if XA = (HL)
Skip if A = reg
Skip if XA = rp'
CY
← 1
CY
← 0
Skip if CY = 1
CY
← CY
(mem.bit)
← 1
(fmem.bit)
← 1
(pmem7-2 + L3-2.bit(L1-0))
← 1
(H + mem3-0.bit)
← 1
(mem.bit)
← 0
(fmem.bit)
← 0
(pmem7-2 + L3-2.bit(L1-0))
← 0
(H + mem3-0.bit)
← 0
Skip if (mem.bit) = 1
Skip if (fmem.bit) = 1
Skip if (pmem7-2 + L3-2.bit(L1-0)) = 1
Skip if (H + mem3-0.bit) = 1
Skip if (mem.bit) = 0
Skip if (fmem.bit) = 0
Skip if (pmem7-2 + L3-2.bit(L1-0)) = 0
Skip if (H + mem3-0.bit) = 0
Skip if (fmem.bit) = 1 and clear
Skip if (pmem7-2 + L3-2.bit(L1-0)) = 1 and clear
Skip if (H + mem3-0.bit) = 1 and clear
CY
← CY
∧ (fmem.bit)
CY
← CY
∧ (pmem
7-2
+ L3-2.bit(L1-0))
CY
← CY
∧ (H + mem
3-0
.bit)
CY
← CY
∨ (fmem.bit)
CY
← CY
∨ (pmem
7-2
+ L3-2.bit(L1-0))
CY
← CY
∨ (H + mem
3-0
.bit)
CY
← CY
∨ (fmem.bit)
CY
← CY
∨ (pmem
7-2
+ L3-2.bit(L1-0))
CY
← CY
∨ (H + mem
3-0
.bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84