Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4660 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 17Page - STMicroelectronics AN4660 Datasheet HTML 18Page - STMicroelectronics AN4660 Datasheet HTML 19Page - STMicroelectronics AN4660 Datasheet HTML 20Page - STMicroelectronics AN4660 Datasheet HTML 21Page - STMicroelectronics AN4660 Datasheet HTML 22Page - STMicroelectronics AN4660 Datasheet HTML 23Page - STMicroelectronics AN4660 Datasheet HTML 24Page - STMicroelectronics AN4660 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID027558 Rev 2
21/27
AN4660
Peripheral migration
26
2.14
CRC
The STM32F74xxx/F75xxx implements similar CRC (Cyclic redundancy check) calculation
unit as STM32F42xxx/F43xxx.
Table 19 presents the CRC differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx.
Table 19. CRC differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
CRC
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
Features
– Single input/output 32-bit data register
– CRC computation done in 4 AHB clock cycles (HCLK) for the 32-bit data size
– General-purpose 8-bit register (can be used for temporary storage)
– Uses CRC-32 (Ethernet) polynomial:
0x4C11DB7
– Handles 32-bit data size
– Fully programmable polynomial with
programmable size (7, 8, 16, 32bits)
– Handles 8-,16-, 32-bit data size
– Programmable CRC initial value
– Input buffer to avoid bus stall during
calculation
– Reversibility option on I/O data
CRC registers
– Software compatible.
– STM32F74xxx/F75xxx include new features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27