| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4660 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4660 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() DocID027558 Rev 2 13/27 AN4660 Peripheral migration 26 2.5 Flexible memory controller (FMC) Table 9 presents the FMC differences between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx. Table 9. FMC differences between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx FMC STM32F42xxx/F43xxx STM32F74xxx/F75xxx External memory interfaces –SRAM – NOR/NAND memories – PSRAM – Two banks of NAND Flash memory with ECC hardware – 16-bit PC Card compatible devices –SRAM – NOR/NAND memories – PSRAM – NAND Flash memory with ECC hardware Data bus width 8-,16- or 32-bit FMC Bank memory mapping Bank1 4×64MB NOR/PSRAM/SRAM NOR/PSRAM/SRAM Bank2 4×64MB NAND Flash memory Reserved Bank3 4×64MB NAND Flash memory Bank4 4×64MB PC Card Reserved SDRAM bank1 4×64MB SDRAM SDRAM SDRAM bank2 4×64MB Memory mapping swap: (SYSCFG_MEMRMP) Bits 11:10 SWP_FMC[1:0] = 01b NOR/PSRAM/SRAM 256MB SDRAM bank1 256MB NAND bank1 256MB SDRAM bank2 256MB SDRAM bank1 256MB NAND bank3 256MB SDRAM bank2 256MB Reserved Reserved Reserved NAND bank2 256MB NOR/PSRAM/SRAM 256MB PC card 256MB Reserved |