Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4654 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 24Page - STMicroelectronics AN4654 Datasheet HTML 25Page - STMicroelectronics AN4654 Datasheet HTML 26Page - STMicroelectronics AN4654 Datasheet HTML 27Page - STMicroelectronics AN4654 Datasheet HTML 28Page - STMicroelectronics AN4654 Datasheet HTML 29Page - STMicroelectronics AN4654 Datasheet HTML 30Page - STMicroelectronics AN4654 Datasheet HTML 31Page - STMicroelectronics AN4654 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Firmware migration using the library
AN4654
30/32
DocID027444 Rev 1
4
Firmware migration using the library
For migration from existing STM32L1 firmware into new STM32L0 firmware is required that
existing firmware was written using STM32 Cube. Then the migration should be very easy
due to STM32 Cube compatibility for the same or similar peripherals features. For
enhanced/different peripheral design is there needed to use modified functions for given
peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32