Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4654 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 18Page - STMicroelectronics AN4654 Datasheet HTML 19Page - STMicroelectronics AN4654 Datasheet HTML 20Page - STMicroelectronics AN4654 Datasheet HTML 21Page - STMicroelectronics AN4654 Datasheet HTML 22Page - STMicroelectronics AN4654 Datasheet HTML 23Page - STMicroelectronics AN4654 Datasheet HTML 24Page - STMicroelectronics AN4654 Datasheet HTML 25Page - STMicroelectronics AN4654 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Peripheral migration
AN4654
22/32
DocID027444 Rev 1
3.12
COMP interface
The STM32L0 series embeds the same comparators COMP1 (ultra low consumption) and
COMP2 (rail-to-rail) used by the STM32L1 series, but are there different input and output
connections.
Figure 2 illustrates the block diagram for comparators of the STM32L0 series.
Figure 2. Comparator 1 and 2 block diagram for the STM32L0 series
Microcontrollers of the STM32L1 series use different comparators interconnections. The
block diagrams for different STM32L1 categories are shown in figures 3, 4, 5 and 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32