Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4651 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN4651
Description  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 24Page - STMicroelectronics AN4651 Datasheet HTML 25Page - STMicroelectronics AN4651 Datasheet HTML 26Page - STMicroelectronics AN4651 Datasheet HTML 27Page - STMicroelectronics AN4651 Datasheet HTML 28Page - STMicroelectronics AN4651 Datasheet HTML 29Page - STMicroelectronics AN4651 Datasheet HTML 30Page - STMicroelectronics AN4651 Datasheet HTML 31Page - STMicroelectronics AN4651 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Interconnection descriptions
AN4651
28/34
DocID027426 Rev 1
The purpose of the break function is to protect power switches driven by PWM signals
generated by the timers.
3.17
From HSE, HSI, LSE, LSI, MCO, RTC to TIM
For all STM32F3 series devices except STM32F37x devices, TIM16 can be used for the
measurement of internal/external clock sources. TIM16 channel1 input capture is connected
to HSE/32, GPIO, RTC clock and MCO to output clocks among (HSE, HSI, LSE, LSI,
SYSCLK, PLLCLK, PLLCLK/2).
The selection is performed through the TI1_RMP [1:0] bits in the TIM16_OR register.
This allows calibrating the HSI/LSI clocks.
TIM14 is used in STM32F37x devices for the same purpose.
3.18
From TIM and EXTI to DAC
A timer counter can be used as a trigger for DAC conversions.
The TRGO event is the internal signal that will trigger conversion.
Table 14 provides a summary of DAC interconnections with timers.
Table 14. Timer and EXTI signals triggering DAC conversions(1)
1.
The gray shading in table cells means Not Applicable.
DAC1
DAC2
TIM8
x
TIM2
xx
TIM3
xx
TIM4
xx(2)
2.
Only for STM32F37x devices.
TIM6
xx
TIM7
xx
TIM15
x(3)
3.
Not applicable for STM32F37x.
x(3)
TIM18
x
EXTI line9
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34